PART |
Description |
Maker |
AM29LV200B AM29LV200BB-120EC AM29LV200BB-120ECB AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 80 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV001BB-45RFI AM29LV001BB-45RFIB AM29LV001BB-4 |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 64KX16,TSOP(II)44,IND,SRAM
|
http:// Advanced Micro Devices, Inc.
|
AM29LV200BB-120WAC AM29LV200BB-120WAF AM29LV200BB- |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PBGA48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Advanced Micro Devices, Inc.
|
AM29F200AB-150EEB AM29F200AB-70FC AM29F200AB-90SEB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 Dual Retriggerable Monostable Multivibrators 16-SSOP -40 to 85 128K X 16 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 Dual Retriggerable Monostable Multivibrators 16-SOIC -40 to 85 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存
|
Advanced Micro Devices, Inc. http://
|
AM49LV128BML15NT AM49LV128BM AM49LV128BMAH11NS AM4 |
128 Megabit (8 M x 16-Bit) MirrorBit⑩ Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
|
SPANSION[SPANSION]
|
AM29LV200T-90RFC |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
AM29F200 AM29F200BT-120 AM29F200BT-45 AM29F200BT-5 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29F200B01 AM29F200BT-90DWI1 AM29F200B AM29F200BB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
|
AMD[Advanced Micro Devices]
|
AM29PDL128G80PEI AM29PDL128G70RPEF AM29PDL128G70RP |
128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
|
AMD[Advanced Micro Devices]
|
AM29LV642DU90RPAI AM29LV642DU12RPAE AM29LV642DU12R |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|